Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML33111EP Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML33111EP Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML33111EP
Download  ML33111EP Download
File Size   1082.67 Kbytes
Page   12 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Low Voltage Compander Silicon Monolithic Integrated Circuit

ML33111EP Datasheet (PDF)

Go To PDF Page Download Datasheet
ML33111EP Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML33111EP
Download  ML33111EP Click to download

File Size   1082.67 Kbytes
Page   12 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Low Voltage Compander Silicon Monolithic Integrated Circuit

ML33111EP Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML33111EP Product details

The ML33111 contains two variable gain circuits configured for compress ing and expanding the dynamic range of an audio signal. One circuit is configured as an expander, and the other is configured as a compressor. Each circuit has a full wave rectifier to provide average value information to a variable gain cell located in either the input stage or the feedback path. An internal temperature stable bandgap reference provides the necessary precision voltages. Included in the ML33111 are controls for muting each section independently, and for pass through of both. Two uncommitted op amps are available for peripheral functions.



• Operating Supply Voltage: 3.0 V to 7.0 V

• Output Voltage Swing = 2.8 Vp-p with VCC = 3.0 V

• No Precision External Components Required

• 60 dB Dynamic Range Compressed to 30 dB, Re-expandable to 60 dB

• Unity Gain Level set at 100 mVrms

• Attack and Decay Times Adjustable

• Mute and passthrough Controls

• Two Uncommitted Op Amps

• Temperature Compensated Reference

• Available in Standard DIP and Surface Mount Packages




Similar Part No. - ML33111EP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML33111EP LANSDALE-ML33111EP Datasheet
274Kb / 12P
Low Voltage Compander Silicon Monolithic Integrated Circuit
More results


Similar Description - ML33111EP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
Low Voltage Compander
logo
Rohm
BD3485FS ROHM-BD3485FS Datasheet
331Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538HFN ROHM-BD3538HFN Datasheet
383Kb / 6P
Silicon Monolithic Integrated Circuit
BD6081GU ROHM-BD6081GU_1 Datasheet
336Kb / 5P
Silicon Monolithic Integrated Circuit
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
LOW VOLTAGE COMPANDER
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111_08 Datasheet
274Kb / 12P
Low Voltage Compander Silicon Monolithic Integrated Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com