Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2 Datasheet (PDF) - Same Sky Devices

SR2 Datasheet PDF - Same Sky Devices
Part # SR2
Download  SR2 Download
File Size   361.93 Kbytes
Page   5 Pages
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices
Description SIGNAL RELAY

SR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR2 Datasheet PDF - Same Sky Devices

Part # SR2
Download  SR2 Click to download

File Size   361.93 Kbytes
Page   5 Pages
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices
Description SIGNAL RELAY

SR2 Datasheet (HTML) - Same Sky Devices


SR2 Product details

FEATURES
• 3~24 Vdc coil voltage
• 330 mW coil power
• contact form 1C




Similar Part No. - SR2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR2 TEC-SR2 Datasheet
359Kb / 2P
2 pole relay with force guided contacts according to EN50205
logo
STMicroelectronics
SR2 STMICROELECTRONICS-SR2 Datasheet
474Kb / 22P
6 pin Smart Reset?
13-May-2014
logo
CUI INC
SR2 CUI-SR2 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
logo
ABB
SR2 ABB-SR2 Datasheet
832Kb / 6P
Metal enclosures for automation and distribution
logo
CUI Devices
SR2 CUID-SR2 Datasheet
422Kb / 5P
SIGNALRELAY
10/27/2022
More results


Similar Description - SR2

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
41-12-1A-3 OENINDIA-41-12-1A-3 Datasheet
114Kb / 1P
SIGNAL RELAY
46-12-2C-S OENINDIA-46-12-2C-S Datasheet
61Kb / 1P
SIGNAL RELAY
logo
Adam Technologies, Inc.
RPH-1A-P-12-S ADAM-TECH-RPH-1A-P-12-S Datasheet
89Kb / 1P
SIGNAL RELAY
RT3-XX-L1-SMT-A ADAM-TECH-RT3-XX-L1-SMT-A Datasheet
109Kb / 1P
SIGNAL RELAY
RT5-12 ADAM-TECH-RT5-12 Datasheet
96Kb / 1P
SIGNAL RELAY
logo
CUI INC
SR11 CUI-SR11 Datasheet
454Kb / 5P
SIGNAL RELAY
06/07/2022
SR5 CUI-SR5 Datasheet
470Kb / 5P
SIGNAL RELAY
06/08/2022
SR1 CUI-SR1 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
SR10 CUI-SR10 Datasheet
451Kb / 5P
SIGNAL RELAY
06/07/2022
SR3 CUI-SR3 Datasheet
466Kb / 5P
SIGNAL RELAY
06/07/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com