Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1 Datasheet (PDF) - CUI INC

SR1 Datasheet PDF - CUI INC
Part # SR1
Download  SR1 Download
File Size   459.87 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description SIGNAL RELAY

SR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1 Datasheet PDF - CUI INC

Part # SR1
Download  SR1 Click to download

File Size   459.87 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description SIGNAL RELAY

SR1 Datasheet (HTML) - CUI INC


SR1 Product details

FEATURES
• 3~24 Vdc coil voltage
• 450 mW coil power
• contact form 1C




Similar Part No. - SR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
STMicroelectronics
SR1 STMICROELECTRONICS-SR1 Datasheet
488Kb / 21P
Integrated test mode
13-May-2014
logo
TiMOTION Technology Co....
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
logo
CUI Devices
SR1 CUID-SR1 Datasheet
421Kb / 5P
SIGNAL RELAY
10/27/2022
logo
Same Sky Devices
SR1 SAMESKY-SR1 Datasheet
361Kb / 5P
SIGNAL RELAY
09/12/2024
More results


Similar Description - SR1

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
41-12-1A-3 OENINDIA-41-12-1A-3 Datasheet
114Kb / 1P
SIGNAL RELAY
46-12-2C-S OENINDIA-46-12-2C-S Datasheet
61Kb / 1P
SIGNAL RELAY
logo
Adam Technologies, Inc.
RPH-1A-P-12-S ADAM-TECH-RPH-1A-P-12-S Datasheet
89Kb / 1P
SIGNAL RELAY
RT3-XX-L1-SMT-A ADAM-TECH-RT3-XX-L1-SMT-A Datasheet
109Kb / 1P
SIGNAL RELAY
RT5-12 ADAM-TECH-RT5-12 Datasheet
96Kb / 1P
SIGNAL RELAY
logo
CUI INC
SR11 CUI-SR11 Datasheet
454Kb / 5P
SIGNAL RELAY
06/07/2022
SR5 CUI-SR5 Datasheet
470Kb / 5P
SIGNAL RELAY
06/08/2022
SR10 CUI-SR10 Datasheet
451Kb / 5P
SIGNAL RELAY
06/07/2022
SR2 CUI-SR2 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
SR3 CUI-SR3 Datasheet
466Kb / 5P
SIGNAL RELAY
06/07/2022
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com