Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1 Datasheet (PDF) - CUI Devices

SR1 Datasheet PDF - CUI Devices
Part # SR1
Download  SR1 Download
File Size   421.99 Kbytes
Page   5 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description SIGNAL RELAY

SR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1 Datasheet PDF - CUI Devices

Part # SR1
Download  SR1 Click to download

File Size   421.99 Kbytes
Page   5 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description SIGNAL RELAY

SR1 Datasheet (HTML) - CUI Devices


SR1 Product details

FEATURES
• 3~24 Vdc coil voltage
• 450 mW coil power
• contact form 1C




Similar Part No. - SR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
STMicroelectronics
SR1 STMICROELECTRONICS-SR1 Datasheet
488Kb / 21P
Integrated test mode
13-May-2014
logo
CUI INC
SR1 CUI-SR1 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
logo
TiMOTION Technology Co....
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
logo
Same Sky Devices
SR1 SAMESKY-SR1 Datasheet
361Kb / 5P
SIGNAL RELAY
09/12/2024
More results


Similar Description - SR1

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
41-12-1A-3 OENINDIA-41-12-1A-3 Datasheet
114Kb / 1P
SIGNAL RELAY
46-12-2C-S OENINDIA-46-12-2C-S Datasheet
61Kb / 1P
SIGNAL RELAY
logo
Adam Technologies, Inc.
RPH-1A-P-12-S ADAM-TECH-RPH-1A-P-12-S Datasheet
89Kb / 1P
SIGNAL RELAY
RT3-XX-L1-SMT-A ADAM-TECH-RT3-XX-L1-SMT-A Datasheet
109Kb / 1P
SIGNAL RELAY
RT5-12 ADAM-TECH-RT5-12 Datasheet
96Kb / 1P
SIGNAL RELAY
logo
CUI INC
SR11 CUI-SR11 Datasheet
454Kb / 5P
SIGNAL RELAY
06/07/2022
SR5 CUI-SR5 Datasheet
470Kb / 5P
SIGNAL RELAY
06/08/2022
SR1 CUI-SR1 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
SR10 CUI-SR10 Datasheet
451Kb / 5P
SIGNAL RELAY
06/07/2022
SR3 CUI-SR3 Datasheet
466Kb / 5P
SIGNAL RELAY
06/07/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com