Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

SR1 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # SR1
Download  SR1 Download
File Size   508.35 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,000N (push/pull)

SR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # SR1
Download  SR1 Click to download

File Size   508.35 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,000N (push/pull)

SR1 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


SR1 Product details

General Features
Max. load 4,000N (push/pull)
Max. speed at max. load 3mm/s
Max. speed at no load 7.4mm/s
Retracted length ≥ 230mm
IP rating IP69K
Stroke 50~1000mm
Output signals Mechanical pot., Hall sensors
Voltage 12/24V DC; 12/24V DC (PTC)
Operational temperature range -25°C~+65°C
Operational temperature range +5°C~+45°C
at full performance
Low noise




Similar Part No. - SR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
STMicroelectronics
SR1 STMICROELECTRONICS-SR1 Datasheet
488Kb / 21P
Integrated test mode
13-May-2014
logo
CUI INC
SR1 CUI-SR1 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
logo
CUI Devices
SR1 CUID-SR1 Datasheet
421Kb / 5P
SIGNAL RELAY
10/27/2022
logo
Same Sky Devices
SR1 SAMESKY-SR1 Datasheet
361Kb / 5P
SIGNAL RELAY
09/12/2024
More results


Similar Description - SR1

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com