Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA23 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA23 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA23
Download  TA23 Download
File Size   1102.32 Kbytes
Page   12 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 10,000N (push); 4,000N (pull)

TA23 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA23 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA23
Download  TA23 Click to download

File Size   1102.32 Kbytes
Page   12 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 10,000N (push); 4,000N (pull)

TA23 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA23 Product details

General Features
Max. load 10,000N (push); 4,000N (pull)
Max. speed at max. load 3.2mm/s
Max. speed at no load 39mm/s
Retracted length ≥ Stroke + 163mm
IP rating IP66W
Certificate IEC60601-1, ES60601-1, IEC60601-1-2,
EMC
Stroke 25~1000mm
Output signals Hall sensors
Options Manual release (for patient hoist)
Voltage 12/24/36V DC; 24V DC (PTC)
Color Black, grey
Operational temperature range +5°C~+45°C
Suitable for patient hoist application




Similar Part No. - TA23

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA23-11EWA KINGBRIGHT-TA23-11EWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
TA23-11GWA KINGBRIGHT-TA23-11GWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
TA23-11GWA KINGBRIGHT-TA23-11GWA Datasheet
152Kb / 4P
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TA23-11SRWA KINGBRIGHT-TA23-11SRWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
TA23-11SRWA KINGBRIGHT-TA23-11SRWA Datasheet
151Kb / 4P
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
More results


Similar Description - TA23

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA13 TIMOTION-TA13 Datasheet
610Kb / 8P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA15 TIMOTION-TA15 Datasheet
833Kb / 7P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA21 TIMOTION-TA21 Datasheet
629Kb / 4P
Max. load 10,000N (push); 6,000N (pull)
20231005-I
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com