Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA36 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA36 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA36
Download  TA36 Download
File Size   836.02 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 10,000N (push); 6,000N (pull)

TA36 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA36 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA36
Download  TA36 Click to download

File Size   836.02 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 10,000N (push); 6,000N (pull)

TA36 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA36 Product details

General Features
Max. load 10,000N (push); 6,000N (pull)
Max. speed at max. load 5.4mm/s
Max. speed at no load 13.9mm/s
Retracted length ≥ Stroke + 170mm
IP rating IP66W
Certificate IEC60601-1, ES60601-1, IEC60601-1-2
Stroke 25~600mm
Options Hall sensors, manual release
(for patient hoist)
Voltage 12/24/36V DC; 24V DC (PTC)
Color Black or grey
Operational temperature range +5°C~+45°C
at full performance
Suitable for patient hoist application




Similar Part No. - TA36

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA365 PICO-TA365 Datasheet
10Mb / 39P
Smarter scopes for faster debug
TA365 PICO-TA365 Datasheet
10Mb / 42P
PicoScope® 6000E Series Smarter scopes for faster debug
TA369 PICO-TA369 Datasheet
10Mb / 39P
Smarter scopes for faster debug
TA369 PICO-TA369 Datasheet
10Mb / 42P
PicoScope® 6000E Series Smarter scopes for faster debug
logo
Transko Electronics, In...
TA36BB1 TRANSKO-TA36BB1 Datasheet
387Kb / 3P
36.125 MHz IF SAW Filter / 8.0 MHz Bandwidth
Revision 2: 10 Feb. 2009
More results


Similar Description - TA36

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA13 TIMOTION-TA13 Datasheet
610Kb / 8P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA14 TIMOTION-TA14 Datasheet
723Kb / 10P
Max. load 6,000N (push)
20201007-I
TA15 TIMOTION-TA15 Datasheet
833Kb / 7P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA21 TIMOTION-TA21 Datasheet
629Kb / 4P
Max. load 10,000N (push); 6,000N (pull)
20231005-I
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com