Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA21 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA21 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA21
Download  TA21 Download
File Size   629.88 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 10,000N (push); 6,000N (pull)

TA21 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA21 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA21
Download  TA21 Click to download

File Size   629.88 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 10,000N (push); 6,000N (pull)

TA21 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA21 Product details

General Features
Max. load 10,000N (push); 6,000N (pull)
Max. speed at max. load 6.3mm/s
Max. speed at no load 24.7mm/s
Retracted length ≥ 67mm
Certificate UL962
Stroke 25~400mm
Output signals Hall sensors, Reed sensor
Voltage 24V DC; 24V DC (UL)
Color Black, grey
High design flexibility




Similar Part No. - TA21

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TA2100PA4K50FE OHMITE-TA2100PA4K50FE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TA2100PA4K50JE OHMITE-TA2100PA4K50JE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TA2100PA4K50KE OHMITE-TA2100PA4K50KE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
logo
France Joint
TA2100X125X13 FRANCEJOINT-TA2100X125X13 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA2100X127X12 FRANCEJOINT-TA2100X127X12 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
More results


Similar Description - TA21

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA13 TIMOTION-TA13 Datasheet
610Kb / 8P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA14 TIMOTION-TA14 Datasheet
723Kb / 10P
Max. load 6,000N (push)
20201007-I
TA15 TIMOTION-TA15 Datasheet
833Kb / 7P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com