Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA6 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA6 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA6
Download  TA6 Download
File Size   745.13 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push); 4,000N (pull)

TA6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA6 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA6
Download  TA6 Click to download

File Size   745.13 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push); 4,000N (pull)

TA6 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA6 Product details

General Features
Max. load 6,000N (push); 4,000N (pull)
Max. speed at max. load 5mm/s
Max. speed at no load 43mm/s
Retracted length ≥ Stroke + 163mm
Certificate UL962, EMC
Stroke 25~1000mm
Output signals Hall sensors
Options Freewheeling push only, safety nut
Voltage 12 / 24 / 36V DC
Color Black
Operational temperature range +5°C~+45°C




Similar Part No. - TA6

ManufacturerPart #DatasheetDescription
logo
France Joint
TA6 FRANCEJOINT-TA6 Datasheet
448Kb / 4P
SHAFT SEALS WITH A TYPE 6 STOP
logo
Rohm
TA60 ROHM-TA60 Datasheet
962Kb / 12P
Epitaxial Planar Silicon Transistor Arrays
logo
Toshiba Semiconductor
TA6009FM TOSHIBA-TA6009FM Datasheet
171Kb / 12P
Bipolar Linear Integrated Circuit Silicon Monolithic Shock Sensor IC (1 ch version)
TA6009FN TOSHIBA-TA6009FN Datasheet
247Kb / 7P
SHOCK SENSOR IC (1ch VERSION)
TA6009FN TOSHIBA-TA6009FN Datasheet
233Kb / 11P
Shock Sensor IC (1 ch version)
More results


Similar Description - TA6

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com