Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA12 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA12 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA12
Download  TA12 Download
File Size   907.93 Kbytes
Page   9 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 12,000N (push); 6,000N (pull)

TA12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA12 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA12
Download  TA12 Click to download

File Size   907.93 Kbytes
Page   9 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 12,000N (push); 6,000N (pull)

TA12 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA12 Product details

General Features
Max. load 12,000N (push); 6,000N (pull)
Max. speed at max. load 4mm/s
Max. speed at no load 57.3mm/s
Retracted length ≥ Stroke + 210mm
IP rating IP66W
Certificate IEC60601-1, ES60601-1, IEC60601-1-2,
EMC
Stroke 25~1000mm
Output signals Hall sensors, POT
Options Safety nut, quick release, manual release
Voltage 12/24V DC (PTC); 24V DC, thermal protector
(for patient hoist)
Color Black, grey
Operational temperature range +5°C~+45°C
Suitable for patient hoist application




Similar Part No. - TA12

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
TA12 TM-TA12 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
TA12 TM-TA12 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
TA12 TM-TA12 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
TA12 TM-TA12 Datasheet
102Kb / 3P
Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
logo
Beijing Yaohuadechang E...
TA12-100 YHDC-TA12-100 Datasheet
608Kb / 1P
Through core type precision current transformer
More results


Similar Description - TA12

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA14 TIMOTION-TA14 Datasheet
723Kb / 10P
Max. load 6,000N (push)
20201007-I
TA21 TIMOTION-TA21 Datasheet
629Kb / 4P
Max. load 10,000N (push); 6,000N (pull)
20231005-I
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
TT1 TIMOTION-TT1 Datasheet
923Kb / 5P
Max. load 6,000N (push)
20220311-M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com