Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TT1 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TT1 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TT1
Download  TT1 Download
File Size   923.0 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push)

TT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TT1 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TT1
Download  TT1 Click to download

File Size   923.0 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push)

TT1 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TT1 Product details

General Features
Max. load 6,000N (push)
Max. speed at max. load 4.6mm/s
Max. speed at no load 6.8mm/s
Dimension between shaft 581mm
IP rating IPX6
Certificate IEC60601-1-2
Stroke 87mm for backrest; 69mm for footrest
Voltage 100V AC, 100~240V AC
Color Grey
Suitable for home care and patient care facility beds
Back-up battery (optional)




Similar Part No. - TT1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TT1-6 MINI-TT1-6 Datasheet
185Kb / 1P
RF Transformer
TT1-6+ MINI-TT1-6+ Datasheet
185Kb / 1P
RF Transformer
TT1-6-KK81 MINI-TT1-6-KK81 Datasheet
162Kb / 1P
RF Transformer
TT1-6-KK81+ MINI-TT1-6-KK81+ Datasheet
162Kb / 1P
RF Transformer
TT1-6-X65 MINI-TT1-6-X65 Datasheet
157Kb / 1P
RF Transformer
More results


Similar Description - TT1

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA14 TIMOTION-TA14 Datasheet
723Kb / 10P
Max. load 6,000N (push)
20201007-I
TA21 TIMOTION-TA21 Datasheet
629Kb / 4P
Max. load 10,000N (push); 6,000N (pull)
20231005-I
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com