Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL12 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL12 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL12
Download  TL12 Download
File Size   328.4 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL12 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL12
Download  TL12 Click to download

File Size   328.4 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL12 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL12 Product details

General Features
Max. load 800N (push)
Max. speed at max. load 39mm/s
Max. speed at no load 48mm/s
Retracted length 590 / 560 (M) / 700 (XL) mm
Dimension of outer tube 80*60mm rectangular
Stages 3-stage, upside down
Stroke 650 / 660 (M) / 950 (XL) mm
Output signals Hall sensors
Voltage 24V DC, 24V DC (UL)
With motor house




Similar Part No. - TL12

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL12020CD1 TRANSKO-TL12020CD1 Datasheet
627Kb / 4P
120.00 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 23 Jun. 2008
TL12022AV TRANSKO-TL12022AV Datasheet
664Kb / 4P
120.0 MHz IF SAW Filter / 19.5 MHz Bandwidth
Revision 0: 16 Jan. 2008
TL12022BS TRANSKO-TL12022BS Datasheet
635Kb / 4P
120.00 MHz IF SAW Filter / 21.85 MHz Bandwidth
Revision 0: 22 Aug. 2011
TL12024AV TRANSKO-TL12024AV Datasheet
628Kb / 4P
120.0 MHz IF SAW Filter / 24.21 MHz Bandwidth
Revision 0: 28 May 2009
logo
Littelfuse
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results


Similar Description - TL12

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com