Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL9 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL9 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL9
Download  TL9 Download
File Size   689.63 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL9 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL9 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL9
Download  TL9 Click to download

File Size   689.63 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL9 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL9 Product details

General Features
Max. load 800N (push)
Max. speed at max. load 33mm/s
Max. speed at no load 58mm/s
Retracted length Standard (compatible with foot):
590 / 560(M) / 520(S)mm
Extended (compatible with shoe):
610 / 580(M) / 540(S)mm
Dimension of outer tube Ø70mm round
Stages 3-stage
Stroke 650 / 660 (M, S) mm
Output signals Hall sensors
Voltage 24V DC
With motor house
The TL9 can only be used in pairs; single column usage is not recommended




Similar Part No. - TL9

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL90 3M-TL90 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
TL90 3M-TL90 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
Extech Instruments Corp...
TL900 EXTECH-TL900 Datasheet
310Kb / 1P
SafeSense CAT IV Fused Test Leads
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
TL9000F120Q E-SWITCH-TL9000F120Q Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
More results


Similar Description - TL9

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com