Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL4 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL4
Download  TL4 Download
File Size   399.3 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL4 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL4
Download  TL4 Click to download

File Size   399.3 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL4 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL4 Product details

General Features
Max. load 800N (push)
Self-locking force 800N (push)
Max. speed at max. load 39mm/s
Max. speed at no load 48mm/s
Retracted length Standard: 590 / 560 (M) / 520 (S) mm
For shoes: 610 / 580 (M) / 540 (S) mm
Dimension of outer tube 70*70mm square
Stages 3-stage
Stroke 650 / 660 (M, S) mm
Output signals Hall sensors
Voltage 24V DC, 24V DC (UL)
Color Black, white, grey, or special grey
With motor house




Similar Part No. - TL4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
4A Bridge Rectifier
logo
STMicroelectronics
TL4006 STMICROELECTRONICS-TL4006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
TL401 TAITRON-TL401 Datasheet
140Kb / 5P
4A Bridge Rectifier
More results


Similar Description - TL4

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com