Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL19 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL19 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL19
Download  TL19 Download
File Size   261.37 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL19 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL19 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL19
Download  TL19 Click to download

File Size   261.37 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL19 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL19 Product details

General Features
Max. load 800N (push)
Max. speed at max. load 27mm/s
Max. speed at no load 47mm/s
Retracted length 645mm
Dimension of outer tube 110*110mm square
Stages 2-stage
Stroke 500mm
Output signals Hall sensors
Voltage 24V DC
Color Black, white, grey, or special colors
Inline column




Similar Part No. - TL19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL191 TI-TL191 Datasheet
293Kb / 6P
BI MOS SWITCHES
TL191CN TI-TL191CN Datasheet
293Kb / 6P
BI MOS SWITCHES
logo
Transko Electronics, In...
TL192055BS1 TRANSKO-TL192055BS1 Datasheet
550Kb / 4P
192.00 MHz IF SAW Filter / 6.75 MHz Bandwidth
Revision 0: 24 Mar. 2009
TL19213AS1 TRANSKO-TL19213AS1 Datasheet
546Kb / 4P
192.0 MHz IF SAW Filter / 11.95 MHz Bandwidth
Revision 0: 04 Apr. 2008
TL19222AS1 TRANSKO-TL19222AS1 Datasheet
552Kb / 4P
192.0 MHz IF SAW Filter / 24.13 MHz Bandwidth
Revision 0: 24 Mar. 2009
More results


Similar Description - TL19

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com