Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL14 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL14 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL14
Download  TL14 Download
File Size   428.54 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Maximum load 800N in push

TL14 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL14 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL14
Download  TL14 Click to download

File Size   428.54 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Maximum load 800N in push

TL14 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL14 Product details

General Features
Maximum load 800N in push
Maximum speed at full load 28mm/s
(with 800N in a push condition)
Minimum installation dimension 645mm
Stroke 500mm
Dimension of outer tube Ø70mm
Two stage outer tube with round appearance
With narrow top and wide bottom configuration




Similar Part No. - TL14

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL14006AV TRANSKO-TL14006AV Datasheet
667Kb / 5P
140.0 MHz IF SAW Filter / 6.40 MHz Bandwidth
Revision 0: 03 Feb. 2012
TL14013AV TRANSKO-TL14013AV Datasheet
623Kb / 5P
140.0 MHz IF SAW Filter / 13.70 MHz Bandwidth
Revision 0: 03 Feb. 2012
TL14020AV TRANSKO-TL14020AV Datasheet
566Kb / 4P
140.0 MHz IF SAW Filter / 20.80 MHz Bandwidth
Revision 0: 08 Jul. 2008
TL14077AV TRANSKO-TL14077AV Datasheet
531Kb / 4P
140.0 MHz IF SAW Filter / 77.30 MHz Bandwidth
Revision 0: 15 Oct. 2009
TL1407V TRANSKO-TL1407V Datasheet
433Kb / 3P
Low-Loss 140.00 MHz IF SAW Filter / 7.4 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results


Similar Description - TL14

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com