Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL5 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL5
Download  TL5 Download
File Size   548.42 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL5 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL5
Download  TL5 Click to download

File Size   548.42 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL5 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL5 Product details

General Features
Max. load 800N (push)
Max. speed at max. load 20mm/s
Max. speed at no load 36mm/s
Retracted length 560mm
Dimension of outer tube 120*70mm rectangular
Stages 3-stage
Stroke 675mm
Output signals Hall sensors
Voltage 24V DC, 24V PTC
Current at rated load 5A
Color Black, white, grey, or special grey
Inline column




Similar Part No. - TL5

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50 BANNER-TL50 Datasheet
1Mb / 8P
TL50 Tower Light
logo
Texas Instruments
TL500 TI-TL500 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Bookham, Inc.
TL5000DCJ BOOKHAM-TL5000DCJ Datasheet
504Kb / 7P
LambdaFLEX??iTLA
TL5000DLJ BOOKHAM-TL5000DLJ Datasheet
176Kb / 7P
LambdaFLEX??iTLA TL5000 Integrable Tunable Laser Assembly
TL5000VCJ BOOKHAM-TL5000VCJ Datasheet
274Kb / 7P
LambdaFLEX??iTLA Integrable Tunable Laser Assembly with variable output power
More results


Similar Description - TL5

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com