Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL10 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL10 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL10
Download  TL10 Download
File Size   496.51 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Maximum load 800N in push

TL10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL10 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL10
Download  TL10 Click to download

File Size   496.51 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Maximum load 800N in push

TL10 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL10 Product details

General Features
Maximum load 800N in push
Maximum speed at full load 33mm/s (with 800N in a push condition)
Minimum installation dimension 590 / 560 (M) mm
Stroke 650 / 660 (M) mm
Dimension of outer tube (L*W) 80*60mm
Color Black, white, grey, or special colors
Three part outer tube with rectangular appearance
With narrow top and wide bottom configuration




Similar Part No. - TL10

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL10003AF TRANSKO-TL10003AF Datasheet
597Kb / 5P
100.0 MHz IF SAW Filter / 3.07 MHz Bandwidth
Revision 0: 26 Aug. 2008
logo
STMicroelectronics
TL1006 STMICROELECTRONICS-TL1006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL100NJ ETC-TL100NJ Datasheet
393Kb / 4P
TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
logo
E-SWITCH
TL1014 E-SWITCH-TL1014 Datasheet
158Kb / 1P
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
TL1014AF180QG E-SWITCH-TL1014AF180QG Datasheet
158Kb / 1P
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
More results


Similar Description - TL10

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com