Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL10 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TL10
Description  Maximum load 800N in push
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL10 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TL10 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL10 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL10 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL10 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL10 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Note
1 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
2 The numbers above are based on the tested average, please refer to the approval drawing for the final value.
Standard Dimensions
(mm)
Drawing
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (5200RPM)
C
800
800
2.8
6.0
58.0
33.0
105
183
36
60
4-M6
137.5
35



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com