Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL11 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL11 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL11
Download  TL11 Download
File Size   303.7 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL11 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL11 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL11
Download  TL11 Click to download

File Size   303.7 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 800N (push)

TL11 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL11 Product details

General Features
Max. load 800N (push)
Max. speed at max. load 33mm/s
Max. speed at no load 58mm/s
Retracted length 590 / 560(M) mm
Dimension of outer tube 3-stage, Ø70mm round, upside down
Stroke 650 / 660(M) mm




Similar Part No. - TL11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1100 E-SWITCH-TL1100 Datasheet
229Kb / 3P
TACT SWITCHES
TL1100 E-SWITCH-TL1100 Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
logo
Transko Electronics, In...
TL11001AS TRANSKO-TL11001AS Datasheet
566Kb / 4P
110.59 MHz IF SAW Filter / 1.41 MHz Bandwidth
Revision 0: 04 Nov. 2008
logo
E-SWITCH
TL1100AF160Q E-SWITCH-TL1100AF160Q Datasheet
1Mb / 3P
TACT SWITCHES - 12mm x 12mm
TL1100AF160QGRY E-SWITCH-TL1100AF160QGRY Datasheet
229Kb / 3P
TACT SWITCHES
More results


Similar Description - TL11

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com