Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL4
Description  Max. load 800N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL4 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL4 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL4 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL4 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL4 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL4 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TiMOTION’s TL4 series lifting columns are specifically designed for use in
ergonomic desks and work tables. Using multiple TL series lifting columns
with compatible TC series Control Boxes and TH / TDH series controls, work
surfaces can be controlled quietly and smoothly with synchronous movement.
All Ergo Motion TC series control boxes have a less than 0.1W standby power
option that reduces power consumption. Our wide range of columns offer
customers the solutions they require to satisfy their working environment
project requirements. The TL4 has a three stage telescopic outer tube that is
designed for a narrow-top, wide-bottom square appearance.
General Features
Max. load
800N (push)
Self-locking force
800N (push)
Max. speed at max. load
39mm/s
Max. speed at no load
48mm/s
Retracted length
Standard: 590 / 560 (M) / 520 (S) mm
For shoes: 610 / 580 (M) / 540 (S) mm
Dimension of outer tube
70*70mm square
Stages
3-stage
Stroke
650 / 660 (M, S) mm
Output signals
Hall sensors
Voltage
24V DC, 24V DC (UL)
Color
Black, white, grey, or special grey
With motor house
Product Segments
• Ergo Motion
TL4
series


Similar Part No. - TL4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
4A Bridge Rectifier
logo
STMicroelectronics
TL4006 STMICROELECTRONICS-TL4006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
TL401 TAITRON-TL401 Datasheet
140Kb / 5P
4A Bridge Rectifier
More results

Similar Description - TL4

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com