Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA49 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA49 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA49
Download  TA49 Download
File Size   724.79 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push), 2,000N (pull)

TA49 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA49 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA49
Download  TA49 Click to download

File Size   724.79 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push), 2,000N (pull)

TA49 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA49 Product details

General Features
Max. load 6,000N (push), 2,000N (pull)
Max. speed at max. load 4.4mm/s
Max. speed at no load 14.7mm/s
Retracted length ≥ Stroke + 157mm
IP rating IP66W
Stroke 25~450mm
Output Signals Hall sensors
Voltage 24V DC; 24V DC (PTC)
Color Grey
Operational temperature range +5°C~+45°C
at full performance
A zero backlash design actuator




Similar Part No. - TA49

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA49105AV TRANSKO-TA49105AV Datasheet
780Kb / 4P
491.00 MHz IF SAW Filter / 5.85 MHz Bandwidth
Revision 0: 11. Jan. 2010
TA491AM TRANSKO-TA491AM Datasheet
450Kb / 4P
CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0: November 2006
TA491AP TRANSKO-TA491AP Datasheet
305Kb / 4P
CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0:
TA491BM1 TRANSKO-TA491BM1 Datasheet
438Kb / 4P
CDMA 450 F-Band, Balanced RF-Rx SAW Filter
Revision 0: December 2005
TA491CP TRANSKO-TA491CP Datasheet
358Kb / 4P
CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0: June 2008
More results


Similar Description - TA49

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com