Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2PAC Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA2PAC Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA2PAC
Download  TA2PAC Download
File Size   804.31 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push/pull)

TA2PAC Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2PAC Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA2PAC
Download  TA2PAC Click to download

File Size   804.31 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push/pull)

TA2PAC Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA2PAC Product details

General Features
Max. load 2,000N (push/pull)
Max. speed at max. load 7.5mm/s
Max. speed at no load 52mm/s
Retracted length > 235mm (depending on chosen options)
IP rating IP66D
Stroke 20~1000mm
Output signals POT
Voltage 100~240V AC
Operational temperature range -25°C~+65°C
Operational temperature range +5°C~+45°C
at full performance




Similar Part No. - TA2PAC

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA2P TIMOTION-TA2P Datasheet
346Kb / 4P
TA2P series
More results


Similar Description - TA2PAC

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com