Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL17 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL17 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL17
Download  TL17 Download
File Size   1162.72 Kbytes
Page   9 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push)

TL17 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL17 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL17
Download  TL17 Click to download

File Size   1162.72 Kbytes
Page   9 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push)

TL17 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL17 Product details

General Features
Max. load 2,000N (push)
Max. dynamic bending moment 250Nm
Max. static bending moment 500Nm
Max. speed at max. load 11.5mm/s
Max. speed at no load 41mm/s
Retracted length ≥ Stroke / 2+150mm
IP rating IPX6
Dimension of outer tube 169.4*121.4mm rectangular
Stages 3-stage
Stroke 250~1200mm
Certificate IEC60601-1, ES60601-1, IEC60601-1-2
Output signals Hall sensors
Voltage 12V DC; 24V DC (PTC)
Color Silver, black
Operational temperature range +5°C~+45°C




Similar Part No. - TL17

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL17053AV TRANSKO-TL17053AV Datasheet
628Kb / 4P
170.00 MHz IF SAW Filter / 53.50 MHz Bandwidth
Revision 0: 05 Jun. 2012
logo
Texas Instruments
TL170C TI-TL170C Datasheet
73Kb / 2P
SILICON HALL-EFFECT SWITCH
TL172C TI-TL172C Datasheet
94Kb / 2P
NORMALLY OFF SILICON HALL-EFFECT SWITCH
logo
Transko Electronics, In...
TL17408AS1 TRANSKO-TL17408AS1 Datasheet
570Kb / 4P
174.00 MHz IF SAW Filter / 8.15 MHz Bandwidth
Revision 0: 27 Feb. 2008
TL17410AS1 TRANSKO-TL17410AS1 Datasheet
561Kb / 4P
174.00 MHz IF SAW Filter / 10.50 MHz Bandwidth
Revision 0: 10 Jul. 2008
More results


Similar Description - TL17

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com