Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL8 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL8 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL8
Download  TL8 Download
File Size   482.34 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push)

TL8 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL8 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL8
Download  TL8 Click to download

File Size   482.34 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push)

TL8 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL8 Product details

General Features
Max. load 2,000N (push)
Max. dynamic bending moment 500Nm
Max. static bending moment 1,000Nm
Max. speed at max. load 9.6mm/s
Max. speed at no load 32.6mm/s
Retracted length ≥ (Stroke/2) + 150mm
IP rating IPX6
Dimension of outer tube Ø124mm round
Stages 3-stage
Stroke 200~400mm
Certificate IEC60601-1-2, IEC60601-1, ES60601-1, EMC
Output signals Hall sensors
Voltage 24V DC (PTC)
Color Matte silver, black
Operational temperature range +5°C~+45°C
The TL8 can only be used in pairs; single column usage is not recommended.
The TL8 is recommended for push applications only; pull conditions are not advised.
Multiple cable exit options




Similar Part No. - TL8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
11-May-16
logo
STMicroelectronics
TL8006 STMICROELECTRONICS-TL8006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL801 ETC2-TL801 Datasheet
112Kb / 1P
TYPICAL INSTALLATION DIAGRAM
TL801 ETC2-TL801 Datasheet
112Kb / 1P
TYPICAL INSTALLATIION DIAGRAM
TL802 ETC2-TL802 Datasheet
112Kb / 1P
TYPICAL INSTALLATION DIAGRAM
More results


Similar Description - TL8

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com