Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA38M Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA38M Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA38M
Download  TA38M Download
File Size   666.7 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push); 1,500N (pull)

TA38M Datasheet (PDF)

Go To PDF Page Download Datasheet
TA38M Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA38M
Download  TA38M Click to download

File Size   666.7 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push); 1,500N (pull)

TA38M Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA38M Product details

General Features
Max. load 2,000N (push); 1,500N (pull)
Max. speed at max. load 6.2mm/s
Max. speed at no load 20mm/s
Retracted length ≥ 160mm (depending on chosen options)
IP Rating IP66
Stroke 20~300mm
Options Hall sensors
Voltage 12/24V DC; 12/24V DC (PTC)
Color Black, grey
Operational temperature range +5°C~+45°C




Similar Part No. - TA38M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA38004AV TRANSKO-TA38004AV Datasheet
634Kb / 4P
380.00 MHz IF SAW Filter / 4.57 MHz Bandwidth
Revision 0: 10. Jun. 2008
TA382BP TRANSKO-TA382BP Datasheet
342Kb / 4P
Wireless, RF SAW Filter
Revision 0: January 2009
TA384AP TRANSKO-TA384AP Datasheet
301Kb / 4P
CDMA, RF-Rx SAW Filter
Revision 0: June 2004
logo
Pico Technology Ltd.
TA386 PICO-TA386 Datasheet
6Mb / 28P
PC oscilloscopes and MSOs
logo
Transko Electronics, In...
TA387AP TRANSKO-TA387AP Datasheet
334Kb / 4P
Wireless, RF SAW Filter
Revision 0: July 2009
More results


Similar Description - TA38M

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA42 TIMOTION-TA42 Datasheet
565Kb / 6P
Max. load 1,500N (push/pull)
20220313-F
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com