Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA11 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA11 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA11
Download  TA11 Download
File Size   400.54 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,500N (push / pull)

TA11 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA11 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA11
Download  TA11 Click to download

File Size   400.54 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,500N (push / pull)

TA11 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA11 Product details

General Features
Max. load 1,500N (push / pull)
Max. speed at max. load 10.5mm/s
Max. speed at no load 13.1mm/s
Retracted length ≥ Stroke + 155mm
IP rating IP66D
Stroke 20~700mm
Options Hall sensors
Voltage 12 / 24V DC
Color Grey




Similar Part No. - TA11

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TA110 TEWS-TA110 Datasheet
450Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input
2023-08-16
logo
Beijing Yaohuadechang E...
TA1100 YHDC-TA1100 Datasheet
1Mb / 1P
Through core type precision current transformer
logo
Transko Electronics, In...
TA11002AV TRANSKO-TA11002AV Datasheet
623Kb / 4P
110.0 MHz IF SAW Filter / 2.18 MHz Bandwidth
Revision 0: 06. Feb. 2008
TA11003AD1 TRANSKO-TA11003AD1 Datasheet
544Kb / 4P
110.43 MHz IF SAW Filter / 3.90 MHz Bandwidth
Revision 0: 28. Jun. 2008
TA11004AV TRANSKO-TA11004AV Datasheet
635Kb / 4P
110.0 MHz IF SAW Filter / 4.82 MHz Bandwidth
Revision 0: 06. Feb. 2008
More results


Similar Description - TA11

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA42 TIMOTION-TA42 Datasheet
565Kb / 6P
Max. load 1,500N (push/pull)
20220313-F
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com