Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA6 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

MA6 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # MA6
Download  MA6 Download
File Size   675.41 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 8,000N (push/pull)

MA6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA6 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # MA6
Download  MA6 Click to download

File Size   675.41 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 8,000N (push/pull)

MA6 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


MA6 Product details

General Features
Max. load 8,000N (push/pull)
Max. speed at max. load 6.2mm/s
Max. speed at no load 64mm/s
Retracted length ≥ Stroke + 162mm
IP rating IP69K
Stroke 25~1000mm
Output signals Hall sensor(s), mechanical Pot., adjustable
Reed switch, NPN Hall sensors
Voltage 12/24V DC; 12/24V DC (thermal switch)
Operational temperature range -40°C~+85°C
Operational temperature range +5°C~+45°C
at full performance
Manual drive




Similar Part No. - MA6

ManufacturerPart #DatasheetDescription
logo
ABB
MA6-1060 ABB-MA6-1060 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
logo
Altech corporation
MA6.3U ALTECH-MA6.3U Datasheet
222Kb / 3P
Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Taoglas antenna solutio...
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006 Datasheet
4Mb / 22P
High performance outdoor antenna
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006 Datasheet
1Mb / 23P
MA600 Spartan Screw-mount 3in1 Combination Antenna
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006_17 Datasheet
1Mb / 23P
MA600 Spartan Screw-mount 3in1 Combination Antenna
More results


Similar Description - MA6

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA1 TIMOTION-MA1 Datasheet
904Kb / 10P
Max. load ACME screw: 8,000N (push/pull)
20230919-H
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com