Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA41 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA41 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA41
Download  TA41 Download
File Size   901.95 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 8,000N (push);4,000N (pull)

TA41 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA41 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA41
Download  TA41 Click to download

File Size   901.95 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 8,000N (push);4,000N (pull)

TA41 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA41 Product details

General Features
Max. load 8,000N (push);4,000N (pull)
Max. speed at max. load 4.3mm/s
Max. speed at no load 39mm/s
Retracted length ≥ Stroke + 163mm
Stroke 25~1000mm
Output signals Hall sensors, Reed sensor
Voltage 12/24/36V DC
Color Black, grey
Operational temperature range +5°C~+45°C
Suitable for dentist chairs and wheelchairs




Similar Part No. - TA41

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TA410 ALLEN-BRADLEY-TA410 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
Toshiba Semiconductor
TA4100F TOSHIBA-TA4100F Datasheet
153Kb / 4P
UHF VHF RF, MIX APPLICATION
TA4101F TOSHIBA-TA4101F Datasheet
140Kb / 4P
UHF VHF MIX APPLICATION
TA4103F TOSHIBA-TA4103F Datasheet
148Kb / 4P
1.9GHz BAND UP CONVERTER APPLICATION
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Similar Description - TA41

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com