Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA26 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA26 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA26
Download  TA26 Download
File Size   953.5 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,000N (push); 2,000N (pull)

TA26 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA26 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA26
Download  TA26 Click to download

File Size   953.5 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,000N (push); 2,000N (pull)

TA26 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA26 Product details

General Features
Max. load 4,000N (push); 2,000N (pull)
Max. speed at max. load 6.1mm/s
Max. speed at no load 24mm/s
Retracted length ≥ Stroke + 120mm
Certificate UL962
Output signals Hall sensor(s)
Voltage 12/24V DC; 24V DC (PTC)
Color Black
Operational temperature range +5°C~+45°C




Similar Part No. - TA26

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2600A TAI-SAW-TA2600A Datasheet
377Kb / 8P
SAW Filter 1221.5 MHz CSP 1.1횞0.9 mm
logo
Transko Electronics, In...
TA26019AV TRANSKO-TA26019AV Datasheet
581Kb / 4P
260.00 MHz IF SAW Filter / 19.38 MHz Bandwidth
Revision 0: 28. Apr. 2009
TA26019CD1 TRANSKO-TA26019CD1 Datasheet
567Kb / 4P
260.0 MHz IF SAW Filter / 19.25 MHz Bandwidth
Revision 0: 15. May 2009
TA26020AD1 TRANSKO-TA26020AD1 Datasheet
627Kb / 4P
260.0 MHz IF SAW Filter / 20.23 MHz Bandwidth
Revision 0: 03. Jun. 2009
TA26029AD TRANSKO-TA26029AD Datasheet
502Kb / 4P
260.0 MHz IF SAW Filter / 29.61 MHz Bandwidth
Revision 0: 30. Oct. 2009
More results


Similar Description - TA26

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com