Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN1 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

VN1 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # VN1
Download  VN1 Download
File Size   844.82 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 3,500N (push); 2,000N (pull)

VN1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VN1 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # VN1
Download  VN1 Click to download

File Size   844.82 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 3,500N (push); 2,000N (pull)

VN1 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


VN1 Product details

General Features
Max. load 3,500N (push); 2,000N (pull)
Max. speed at max. load 3.8mm/s
Max. speed at no load 13mm/s
Retracted length ≥205mm (DC version, w/o T-Smart;
depending on chosen options); ≥432mm (AC
version, w/o T-Smart; depending on chosen
options)
IP rating IP66
Stroke 20~500mm
Output signals Hall sensors
Options Safety nut, window seal mechanism, T-Smart
Voltage 12/24V DC; 12/24V DC, PTC;
100~240V AC (50Hz)
Color Black, grey
Operational temperature range -15°C~+50°C
Operational temperature range +5°C~+45°C
at full performance




Similar Part No. - VN1

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
VN10 TEMIC-VN10 Datasheet
112Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
logo
Vishay Siliconix
VN10 VISHAY-VN10 Datasheet
117Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
Rev.C 08/08/94
logo
List of Unclassifed Man...
VN1015 ETC1-VN1015 Datasheet
119Kb / 1P
Magnetically activated digital vane switch in a rugged, overmolded plastic housing with three pins or 3-wire harness
logo
ZF Friedrichshafen AG
VN1015 ZFSWITCHES-VN1015 Datasheet
261Kb / 2P
Magnetically activated digital vane sensor in a rugged
logo
List of Unclassifed Man...
VN101501 ETC1-VN101501 Datasheet
119Kb / 1P
Magnetically activated digital vane switch in a rugged, overmolded plastic housing with three pins or 3-wire harness
More results


Similar Description - VN1

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com