Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA29 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA29 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA29
Download  TA29 Download
File Size   943.1 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push); 3,500N (pull)

TA29 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA29 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA29
Download  TA29 Click to download

File Size   943.1 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push); 3,500N (pull)

TA29 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA29 Product details

General Features
Max. load 6,000N (push); 3,500N (pull)
Max. speed at max. load 3mm/s
Max. speed at no load 30.2mm/s
Retracted length ≥ 178mm (depending on chosen options)
IP rating IP66W
Stroke 25~600mm
Output signals Hall sensors, POT
Voltage 12/24V DC; 12/24V DC (PTC)
Color Black, grey
Operational temperature range +5°C~+45°C
Suitable for patient hoist application




Similar Part No. - TA29

ManufacturerPart #DatasheetDescription
logo
France Joint
TA290X110X12 FRANCEJOINT-TA290X110X12 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA290X110X13 FRANCEJOINT-TA290X110X13 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA290X110X15 FRANCEJOINT-TA290X110X15 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA290X118X12 FRANCEJOINT-TA290X118X12 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA290X120X13 FRANCEJOINT-TA290X120X13 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
More results


Similar Description - TA29

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA14 TIMOTION-TA14 Datasheet
723Kb / 10P
Max. load 6,000N (push)
20201007-I
TA21 TIMOTION-TA21 Datasheet
629Kb / 4P
Max. load 10,000N (push); 6,000N (pull)
20231005-I
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com