Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA10 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA10 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA10
Download  TA10 Download
File Size   603.53 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push), 4,000N (pull)

TA10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA10 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA10
Download  TA10 Click to download

File Size   603.53 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push), 4,000N (pull)

TA10 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA10 Product details

General Features
Max. load 6,000N (push), 4,000N (pull)
Max. speed at max. load 4.2mm/s
Max. speed at no load 14.5mm/s
Retracted length ≥ Stroke + 188mm
IP rating IP66
Certificate IEC60601-1, ES60601-1
Stroke 25~300mm
Options Hall sensor (s)
Voltage 12V DC, 24V DC, 36V DC or 24V DC (PTC)
Color Black or grey
Operational temperature range +5°C~+45°C
With manual crank function




Similar Part No. - TA10

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TA10.0 CLARE-TA10.0 Datasheet
77Kb / 3P
HIGH-ENERGY TRIGGERED SPARK GAPS
logo
List of Unclassifed Man...
TA100 ETC1-TA100 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA100 OHMITE-TA100 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
TA100 OHMITE-TA100 Datasheet
333Kb / 2P
High Power Density
logo
Microchip Technology
TA100 MICROCHIP-TA100 Datasheet
718Kb / 28P
CryptoAutomotive??TA100 (B5) Summary Data Sheet
Rev D
More results


Similar Description - TA10

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com