Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA29AC Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA29AC Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA29AC
Download  TA29AC Download
File Size   500.37 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,000N (push/pull)

TA29AC Datasheet (PDF)

Go To PDF Page Download Datasheet
TA29AC Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA29AC
Download  TA29AC Click to download

File Size   500.37 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,000N (push/pull)

TA29AC Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA29AC Product details

General Features
Max. load 4,000N (push/pull)
Max. speed at max. load 4.5mm/s
Max. speed at no load 9.5mm/s
Retracted length > 302mm (depending on chosen options)
IP rating IP66W
Stroke 25~1000mm
Output Signals POT
Voltage 110~240V AC
Color Black, grey
Operational temperature range +5°C~+45°C




Similar Part No. - TA29AC

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
logo
France Joint
TA290X110X12 FRANCEJOINT-TA290X110X12 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA290X110X13 FRANCEJOINT-TA290X110X13 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA290X110X15 FRANCEJOINT-TA290X110X15 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA290X118X12 FRANCEJOINT-TA290X118X12 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
More results


Similar Description - TA29AC

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com