Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA43 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA43 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA43
Download  TA43 Download
File Size   718.03 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,000N (push/pull)

TA43 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA43 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA43
Download  TA43 Click to download

File Size   718.03 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,000N (push/pull)

TA43 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA43 Product details

General Features
Max. load 4,000N (push/pull)
Max. speed at max. load 2.5mm/s
Max. speed at no load 12.1mm/s
Retracted length ≥ Stroke + 100mm
Stroke 20~300mm
Options Hall sensors
Voltage 24V DC; 24V DC (PTC)
Color Black or grey
Operational temperature range +5°C~+45°C




Similar Part No. - TA43

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA430 PICO-TA430 Datasheet
7Mb / 42P
6 GHz and 8.5 GHz vector network analyzers
logo
Toshiba Semiconductor
TA4301F TOSHIBA-TA4301F Datasheet
221Kb / 8P
DOWN CONVERTER FOR BS TUNER IC
TA4302F TOSHIBA-TA4302F Datasheet
258Kb / 6P
DOWN CONVERTER FOR CATV
TA4303F TOSHIBA-TA4303F Datasheet
247Kb / 9P
DOWN COVERTER FOR BS/CS TUNER IC
TA4303F TOSHIBA-TA4303F Datasheet
573Kb / 10P
Down Converter for BS/CS Tuner IC
More results


Similar Description - TA43

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com