Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

MA2 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # MA2
Download  MA2 Download
File Size   952.9 Kbytes
Page   9 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 8,000N (push); 4,000N (pull)

MA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA2 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # MA2
Download  MA2 Click to download

File Size   952.9 Kbytes
Page   9 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 8,000N (push); 4,000N (pull)

MA2 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


MA2 Product details

Features
Max. load 8,000N (push); 4,000N (pull)
Max. speed at max. load 5.5mm/s
Max. speed at no load 52.5mm/s
Retracted length ≥ Stroke + 131mm
IP rating IP69K
Certificate UL73, EMC
Stroke 25~1000mm
Output Signals Adjustable Reed switch, mechanical Pot.,
NPN Hall sensors
Voltage 12/24/36/48V DC; 12/24/36/48V DC
(thermal switch)
Operational temperature range -40°C~+85°C
Operational temperature range +5°C~+45°C
at full performance
Manual drive




Similar Part No. - MA2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MA2.5U ALTECH-MA2.5U Datasheet
222Kb / 3P
Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Baumer IVO GmbH & Co. K...
MA20 IVO-MA20 Datasheet
317Kb / 2P
With measuring arm and wheel
logo
Lumins Inc.
MA20 LUMINIS-MA20 Datasheet
734Kb / 5P
Cast aluminum LED heat sink
logo
Extech Instruments Corp...
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
logo
M-System Co.,Ltd.
MA200 MSYSTEM-MA200 Datasheet
111Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Similar Description - MA2

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com