Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # MA2
Description  Max. load 8,000N (push); 4,000N (pull)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA2 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  MA2 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
MA2 Ordering Key Appendix
1. Calculate A+B+C = Y
2. Retracted length needs to ≥ Stroke + Y
Retracted Length (mm)
A.
Front
Attachment
Rear Attachment
1
2, 3, 4
1, 2, 3
+131
+134
4, 5, 6
+161
+164
K
+178
+181
B.
Stroke (mm)
Load & Speed Type (N)
F, G, H, J, K
25~150
-
151~200
-
201~250
+10
251~300
+20
301~350
+30
351~400
+40
401~450
+50
451~500
+60
501~550
+70
551~600
+80
601~650
+90
651~700
+100
701~750
+110
751~800
+120
801~850
+130
851~900
+140
901~950
+150
951~1000
+160
C.
Output Signal
0, N, P
-
1
+20
Rear Attachment (mm)
1 = Aluminum, U clevis, slot 8.2,
depth 12.5, hole 10.2
2 = Aluminum, U clevis, slot 8.2,
depth 15.0, hole 10.2
3 = Aluminum, U clevis, slot 8.2,
depth 15.0, hole 12.8
4 = Aluminum, U clevis, slot 8.2,
depth 15.0, hole 12.2
17.5
12.5
ø10.2
20.5
15
ø10.2
20.5
15
ø12.8
20.5
15
ø12.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com