Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # MA2
Description  Max. load 8,000N (push); 4,000N (pull)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA2 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  MA2 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Load and Speed
CODE
Load (N)
Self Lock (N) Duty Cycle
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
Motor brake
No Load
24V DC
With Load
24V DC
No Load
24V DC
With Load
24V DC
Motor Speed (5200RPM)
F
1000
1000
1300
25%
2.7
6.8
52.5
44.2
G
2000
2000
2600
25%
2.4
6.7
25.5
21.8
H
4000
4000
5200
25%
2.3
6.9
13.2
11.0
J
6000
4000
8000
25%
2.0
5.8
6.6
5.8
K
8000
4000
8000
10%
2.0
6.9
6.6
5.5
Standard Dimensions
(mm)
Drawing
CODE
Load (N)
Max Stroke (mm)
F
≤ 1000
1000
G
≤ 2000
800
H, J
≤ 6000
600
K
≤ 8000
200
Note
1 Please refer to the approved drawing for the final authentic value.
2 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC. With a 36V DC motor, the current is approximately two-thirds the current measured in 24V DC. Speed will be
similar for all the voltages.
3 The current & speed in table are tested when the actuator is extending under push load.
4 The current & speed in table and diagram are tested with a stable 24V DC power supply.
5 Without load, noise level ≤ 78dBA (by TiMOTION test standard, ambient noise level ≤ 36dBA)
6 Standard stroke: Min. 25 mm, Max. please refer to the table below.
Retracted Length
17.5
12.5
ø10.2
145.5
27.5
15.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com