Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # MA2
Description  Max. load 8,000N (push); 4,000N (pull)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA2 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  MA2 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
MA2
series
Product Segments
• Industrial Motion
TiMOTION's MA2 series electric linear actuator was specifically designed for
applications that face harsh working environments requiring heavy-duty use and
durability. Furthermore, the MA2 has an optional T-Smart version. Embedded with
a TiMOTION driver board, the MA2 allows for easy integration with different control
interfaces, eliminating the need of an external control box.
The MA2 is available in three T-Smart alternatives:
1)T-Smart Advanced
The T-Smart Advanced alternative allows for synchronization of up to 8 actuators,
as well as accurate position feedback through a variety of options (Hall, Hall-Pot.,
PWM).
2)T-Smart SAE J1939
This alternative provides seamless integration with CAN bus SAE J1939 interfaces,
the standardized communication protocol commonly implemented in off-road
vehicles and other industrial applications.
3)T-Smart Modbus
Modbus is a serial communication protocol predominantly used in industrial
automation and process control. The T-Smart Modbus alternative can be smoothly
incorporated into existing industrial systems.
All T-Smart alternatives are compatible with TiMOTION’s software program,PGMA,
providing the user autonomy to adjust parameters such as speed, stroke limits, soft
stop, soft start, and more.
General Features
Max. load
8,000N (push); 4,000N (pull)
Max. speed at max. load
5.5mm/s
Max. speed at no load
52.5mm/s
Retracted length
≥ Stroke + 131mm
IP rating
IP69K
Certificate
UL73, EMC
Stroke
25~1000mm
Output Signals
Adjustable Reed switch, mechanical Pot.,
NPN Hall sensors
Voltage
12/24/36/48V DC; 12/24/36/48V DC
(thermal switch)
Operational temperature range
-40°C~+85°C
Operational temperature range
+5°C~+45°C
at full performance
Manual drive


Similar Part No. - MA2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MA2.5U ALTECH-MA2.5U Datasheet
222Kb / 3P
Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Baumer IVO GmbH & Co. K...
MA20 IVO-MA20 Datasheet
317Kb / 2P
With measuring arm and wheel
logo
Lumins Inc.
MA20 LUMINIS-MA20 Datasheet
734Kb / 5P
Cast aluminum LED heat sink
logo
Extech Instruments Corp...
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
logo
M-System Co.,Ltd.
MA200 MSYSTEM-MA200 Datasheet
111Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MA2

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com