Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # MA2
Description  Max. load 8,000N (push); 4,000N (pull)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA2 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  MA2 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. MA2 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
MA2 Ordering Key
MA2
Version: 20231020-O
Load and Speed
Type
Voltage
A1 / P1 Cable Length
(mm)
P2 Cable Length
(mm)
P3 Cable Length
(mm)
P2 Connector (mm)
P3 Connector (mm)
Output Signal
Adjustable Reed
Switch
IP Rating
Direction of
Rear Attachment
(Counterclockwise)
See page 6
N = Normal
T = T-Smart
1 = 12V DC
2 = 24V DC
3 = 36V DC
4 = 48V DC
5 = 24V DC, thermal switch
6 = 12V DC, thermal switch
7 = 36V DC, thermal switch
8 = 48V DC, thermal switch
0 = Without
1 = Mechanical pot.
N = NPN Hall sensor*2
01 = Tinned leads, unsheathed wire 50, stripped wire 10
0500 = 500
1000 = 1000
2000 = 2000
3000 = 3000
0000 = Without
1000 = 1000 (T-Smart dedicated option)
2000 = 2000 (T-Smart dedicated option)
0000 = Without
1000 = 1000 (T-Smart dedicated option)
2000 = 2000 (T-Smart dedicated option)
00 = Without
01 = Tinned leads, unsheathed wire 50, stripped wire
10 (T-Smart dedicated option)
0P = Rubber seal plug (T-Smart dedicated option)
00 = Without
01 = Tinned leads, unsheathed wire 50, stripped wire
10 (T-Smart dedicated option)
1 = Without
2 = IP54
3 = IP66
6 = IP66M
8 = IP69K
1 = Single cable
3 = 3 sockets with extension cable (P1, P2, P3)
(T-Smart dedicated option)
T = Direct cable out, 1+1 type: Military connector (A1)
+ Molex 6P connector (P2) (T-Smart dedicated
option)
1 = 0°
3 = 90°
Stroke (mm)
Retracted Length
(mm)
Function of
Limit Switches
1 = Two micro switches cut off the actuator at EOS
2 = Two micro switches cut off the actuator at EOS +
third one in between sends signal
3 = Two micro switches send signal at EOS
6 = Two micro switches cut off the actuator at EOS +
send signal
0 = Without
1 = Reed switch*1
2 = Reed switch*2
See page 2
See page 2
See page 5
Rear Attachment
(mm)
See page 5
Front Attachment
(mm)
See page 6
1 = Aluminum, U clevis, slot 8.2, depth 12.5, hole 10.2
2 = Aluminum, U clevis, slot 8.2, depth 15.0, hole 10.2
3 = Aluminum, U clevis, slot 8.2, depth 15.0, hole 12.8
4 = Aluminum, U clevis, slot 8.2, depth 15.0, hole 12.2
1 = Steel, slotless, hole 10.2
2 = Steel, slotless, hole 12.2
3 = Steel, slotless, hole 12.8
4 = Aluminum, U clevis, slot 8.2, depth 15.0, hole 10.2
5 = Aluminum, U clevis, slot 8.2, depth 15.0, hole 12.2
6 = Aluminum, U clevis, slot 8.2, depth 15.0, hole 12.8
K = Rod end bearing, hole 12.8
Alternative
Packaging (mm2)
N = Normal
T = Advanced
J = SAE J1939 (250Kbps)
K = SAE J1939 (500Kbps)
M = Modbus
0 = Sample packaging
C = Standard package, US fumigated pallet (1219*1016)
1 = Standard package, EU fumigated pallet (1200*800)
2 = Standard package, EU fumigated pallet (1500*800)
E = Standard package, US plywood pallet (1219*1016)
5 = Standard package, EU plywood pallet (1200*800)
6 = Standard package, EU plywood pallet (1500*800)
A1 / P1 Connector
(mm)
See page 6
Cable Exit
See page 7-9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com