Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA31 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA31 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA31
Download  TA31 Download
File Size   1110.89 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 8,000N (push); 3,000N (pull)

TA31 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA31 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA31
Download  TA31 Click to download

File Size   1110.89 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 8,000N (push); 3,000N (pull)

TA31 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA31 Product details

General Features
Max. load 8,000N (push); 3,000N (pull)
Max. speed at max. load 3.7mm/s
Max. speed at no load 26.6mm/s
Retracted length ≥ Stroke + 157mm
IP rating IP66W
Certificate IEC60601-1, ES60601-1, IEC60601-1-2
Stroke 25~450mm
Output signals Hall sensors
Options Safety nut
Voltage 24V DC; 24V DC (PTC); 24V DC (3-brush
motor)
Color Black, grey
Operational temperature range +5°C~+45°C
at full performance
An economic solution with compact installation dimension




Similar Part No. - TA31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA310 ETC1-TA310 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA310 OHMITE-TA310 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
TEWS Technologies GmbH
TA310 TEWS-TA310 Datasheet
258Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input and 16 x 16 bit Analog Output
2021-05-20
TA310 TEWS-TA310 Datasheet
288Kb / 3P
Reconfigurable FPGA with 24 x 16 bit Analog Input
2018-01-25
logo
Unisonic Technologies
TA31001 UTC-TA31001 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
More results


Similar Description - TA31

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
JP4 TIMOTION-JP4 Datasheet
431Kb / 7P
Max. load 4,500N (push); 3,000N (pull)
20230627-H
MA1 TIMOTION-MA1 Datasheet
904Kb / 10P
Max. load ACME screw: 8,000N (push/pull)
20230919-H
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com