Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA310 Datasheet (PDF) - TEWS Technologies GmbH

TA310 Datasheet PDF - TEWS Technologies GmbH
Part # TA310
Download  TA310 Download
File Size   288.93 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 24 x 16 bit Analog Input

TA310 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA310 Datasheet PDF - TEWS Technologies GmbH

Part # TA310
Download  TA310 Click to download

File Size   288.93 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 24 x 16 bit Analog Input

TA310 Datasheet (HTML) - TEWS Technologies GmbH


TA310 Product details

Application Information
The TXMC638 is a standard single-width Switched Mezzanine Card (XMC) compatible module providing a user configurable Kintex-7 FPGA with 24 ADC input channels.
The TXMC638 ADC input channels are based on the Linear Dual 16-Bit 5Msps Differential LTC2323-16 ADCs. Each of the 24 channels has 16bit resolution and works with up to 5Msps. The analog input circuit is designed to allow input voltages up to ±2.5 V on each input-pin resulting in a ±5 V differential voltage range.
For customer specific I/O extension or inter-board communication, the TXMC638 provides 64 I/Os on P14 and 4 Multi-Gigabit-Transceiver on P16. The P14 I/O lines are connected directly to the FPGA and can be used as 64 single ended LVCMOS24 or as 32 differential LVDS25 interfaces. Additionally the TXMC638 provides three 100 Ohm terminated ac-coupled, differential inputs with wide Input voltage range.
All front I/O lines such as the ADC interface and the three 100 Ohm inputs are connected to a 98-pin. Samtec ERF8-049 Rugged EdgeRate Connector.
A 1GB, 32 bit wide DDR3 SDRAM is connected to the user FPGA. The SDRAM-Interface uses an internal Memory Controller of the Kintex-7.
The user FPGA is configured by a serial SPI flash. For full PCIe specification compliance, the XILINX Tandem Configuration Feature can be used for FPGA configuration. XILINX Tandem Methodologies “Tandem PROM” is the favored methodology. The SPI flash device is in-system programmable. An in-circuit debugging option is available via a JTAG header for read back and real-time debugging of the FPGA design (using Xilinx “ChipScope”).
User applications for the TXMC638 with Kintex-7 FPGA can be developed using the design software Vivado Design Suite. A license for the Vivado Design Suite design tool is required.
TEWS offers a well-documented FPGA Board Reference Design. It includes constraint file with all necessary pin assignments and basic timing constraints. The FPGA Board Reference Design covers the main functionalities of the TXMC638.
The TXMC638 is delivered with the FPGA Board Reference Design. The user FPGA can be programmed via the on-board Board Configuration Controller (BCC). Programming via the JTAG interface using an XILINX USB programmer is also possible. In accordance with the PCI specification and the buffering of PCI header data, the contents of the user FPGA can be changed during operation.




Similar Part No. - TA310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA310 ETC1-TA310 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA310 OHMITE-TA310 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
TEWS Technologies GmbH
TA310 TEWS-TA310 Datasheet
258Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input and 16 x 16 bit Analog Output
2021-05-20
logo
Unisonic Technologies
TA31001 UTC-TA31001 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
TA31001G-D08-T UTC-TA31001G-D08-T Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
More results


Similar Description - TA310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
logo
Texas Instruments
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
PIC24HJ256GP210A-I MICROCHIP-PIC24HJ256GP210A-I Datasheet
5Mb / 326P
16-bit Microcontrollers with Advanced Analog
11/29/11
logo
Texas Instruments
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
16-Channel, 24-Bit Analog-to-Digital Converter
logo
Maxim Integrated Produc...
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
logo
National Instruments Co...
NI9219 NI-NI9219 Datasheet
212Kb / 9P
24-Bit Universal Analog Input
logo
Texas Instruments
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com