Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA310 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TA310
Description  Reconfigurable FPGA with 24 x 16 bit Analog Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TA310 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TA310 Datasheet HTML 1Page - TEWS Technologies GmbH TA310 Datasheet HTML 2Page - TEWS Technologies GmbH TA310 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.4
2018-01-25
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Technical Information
o
Form Factor: Standard single width XMC
o
Board size: 149 mm x 74 mm
o
PCI Express x4 Link (Base Specification 1.1)
compliant interface conforming to ANSI/VITA
42.3-2006
o
IPMI resource: FRU hardware definition
information stored in on-board EEPROM
o
TXMC638 FPGA options:
o
-10R Xilinx XC7K160T-2FBG676I Kintex-7
o
-11R Xilinx XC7K325T-2FBG676I Kintex-7
o
-12R Xilinx XC7K410T-2FBG676I Kintex-7
o
Serial Flash for FPGA Configuration
o
FPGA clock options:
o
Local clock generator as source for the
FPGA internal PLL
o
Free programmable Si514 Oscillator
o
DDR3 SDRAM bank, 256M x 32 Bit (1GB)
o
Front I/O lines
o
24 differential analog inputs
o
16 bit resolution
o
5Msps
o
Factory calibration
o
Back I/O lines
o
64 single ended or 32 differential back I/O
lines on rear connector P14.
o
4 FPGA Multi-Gigabit-Transceiver on rear
connector P16
o
Operating temperature -40°C to +85°C
o
MTBF (MIL-HDBK217F/FN2 GB 20°C): 269000
Block Diagram TXMC638



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com