Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA310 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TA310
Description  Reconfigurable FPGA with 24 x 16 bit Analog Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TA310 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TA310 Datasheet HTML 1Page - TEWS Technologies GmbH TA310 Datasheet HTML 2Page - TEWS Technologies GmbH TA310 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.4
2018-01-25
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TXMC638
Reconfigurable FPGA with 24 x 16 bit Analog Input
TXMC638-11R
TXMC638-11R without heat sink
Application Information
The TXMC638 is a standard single-width Switched
Mezzanine Card (XMC) compatible module providing a
user configurable Kintex-7 FPGA with 24 ADC input
channels.
The TXMC638 ADC input channels are based on the
Linear Dual 16-Bit 5Msps Differential LTC2323-16 ADCs.
Each of the 24 channels has 16bit resolution and works
with up to 5Msps. The analog input circuit is designed to
allow input voltages up to ±2.5 V on each input-pin
resulting in a ±5 V differential voltage range.
For
customer
specific
I/O
extension
or
inter-board
communication, the TXMC638 provides 64 I/Os on P14
and 4 Multi-Gigabit-Transceiver on P16. The P14 I/O lines
are connected directly to the FPGA and can be used as 64
single ended LVCMOS24 or as 32 differential LVDS25
interfaces.
Additionally the TXMC638 provides three
100 Ohm terminated ac-coupled, differential inputs
with wide Input voltage range.
All front I/O lines such as the ADC interface and the
three 100 Ohm inputs are connected to a 98-pin.
Samtec ERF8-049 Rugged EdgeRate Connector.
A 1GB, 32 bit wide DDR3 SDRAM is connected to the
user FPGA. The SDRAM-Interface uses an internal
Memory Controller of the Kintex-7.
The user FPGA is configured by a serial SPI flash. For full
PCIe
specification
compliance,
the
XILINX
Tandem
Configuration
Feature
can
be
used
for
FPGA
configuration. XILINX Tandem Methodologies “Tandem
PROM” is the favored methodology. The SPI flash device
is in-system programmable.
An in-circuit debugging
option is available via a JTAG header for read back and
real-time debugging of the FPGA design (using Xilinx
“ChipScope”).
User applications for the TXMC638 with Kintex-7 FPGA
can be developed using the design software Vivado
Design Suite. A license for the Vivado Design Suite design
tool is required.
TEWS offers a well-documented FPGA Board Reference
Design. It includes constraint file with all necessary pin
assignments and basic timing constraints. The FPGA
Board Reference Design covers the main functionalities of
the TXMC638.
The TXMC638 is delivered with the FPGA Board
Reference Design. The user FPGA can be programmed
via the on-board Board Configuration Controller (BCC).
Programming via the JTAG interface using an XILINX
USB programmer is also possible.
In accordance with
the PCI specification and the buffering of PCI header
data, the contents of the user FPGA can be changed
during operation.
TA310


Similar Part No. - TA310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA310 ETC1-TA310 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA310 OHMITE-TA310 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
TEWS Technologies GmbH
TA310 TEWS-TA310 Datasheet
258Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input and 16 x 16 bit Analog Output
2021-05-20
logo
Unisonic Technologies
TA31001 UTC-TA31001 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
TA31001G-D08-T UTC-TA31001G-D08-T Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
More results

Similar Description - TA310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
logo
Texas Instruments
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
PIC24HJ256GP210A-I MICROCHIP-PIC24HJ256GP210A-I Datasheet
5Mb / 326P
16-bit Microcontrollers with Advanced Analog
11/29/11
logo
Texas Instruments
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
16-Channel, 24-Bit Analog-to-Digital Converter
logo
Maxim Integrated Produc...
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
logo
National Instruments Co...
NI9219 NI-NI9219 Datasheet
212Kb / 9P
24-Bit Universal Analog Input
logo
Texas Instruments
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com