Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA310 Datasheet (PDF) - TEWS Technologies GmbH

TA310 Datasheet PDF - TEWS Technologies GmbH
Part # TA310
Download  TA310 Download
File Size   258.65 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 16 x 16 bit Analog Input and 16 x 16 bit Analog Output

TA310 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA310 Datasheet PDF - TEWS Technologies GmbH

Part # TA310
Download  TA310 Click to download

File Size   258.65 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 16 x 16 bit Analog Input and 16 x 16 bit Analog Output

TA310 Datasheet (HTML) - TEWS Technologies GmbH


TA310 Product details

Application Information
The TPCE636 is a half-length X4 PCIe compatible
module providing a user configurable Kintex7 FPGA
with 16 ADC input channels and 16 DAC output
channels.
The TPCE636 ADC input channels are based on the
Linear Dual 16-Bit 5Msps Differential LTC2323-16
ADC. The TPCE636 provides 16 ADC channels.
Each of the 16 channels has a resolution of 16bit
and can work with up to 5Msps. The analog input
circuit is designed to allow input voltages up to ±10V
on each input-pin (results in ±20V differential voltage
range).
The TPCE636 DAC output channels are based on
the Dual 16bit AD5547 DAC. Each DAC output is
designed as a single-ended bipolar ±10V analog
output.
For customer specific I/O extension or inter-board
communication, the TPCE636 provides 64 FPGA
I/Os on a back I/O connector and 4 FPGA Multi-
Gigabit-Transceiver on a Samtec FireFly©
connector. Digital back I/O lines can be configured
as 64 single ended LVCMOS25 or as 32 differential
LVDS25 interface.
All front I/O lines such as the ADC interface and
DAC interface are connected to a 98-pin. Samtec
ERF8-049 Rugged EdgeRate Connector.
The User FPGA is connected to a 1GB, 32 bit wide
DDR3 SDRAM. The SDRAM-interface uses an
internal Memory Controller of the Kintex-7.




Similar Part No. - TA310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA310 ETC1-TA310 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA310 OHMITE-TA310 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
TEWS Technologies GmbH
TA310 TEWS-TA310 Datasheet
288Kb / 3P
Reconfigurable FPGA with 24 x 16 bit Analog Input
2018-01-25
logo
Unisonic Technologies
TA31001 UTC-TA31001 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
TA31001G-D08-T UTC-TA31001G-D08-T Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
More results


Similar Description - TA310

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
16 X 16 BIT PARALLEL MULTIPLIERS
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
List of Unclassifed Man...
CPCI-6208 ETC2-CPCI-6208 Datasheet
654Kb / 1P
8/16-CH 16-Bit Analog Output Cards
logo
Shenzhen Titan Micro El...
TM7715 TITAN-TM7715 Datasheet
1Mb / 40P
16 bIt analog converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com