Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA310 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TA310
Description  Reconfigurable FPGA with 16 x 16 bit Analog Input and 16 x 16 bit Analog Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TA310 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TA310 Datasheet HTML 1Page - TEWS Technologies GmbH TA310 Datasheet HTML 2Page - TEWS Technologies GmbH TA310 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2021-05-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
The User FPGA is configured by a serial SPI flash.
For full PCIe specification compliance, the XILINX
Tandem Configuration Feature can be used for
FPGA configuration. XILINX Tandem Methodologies
“Tandem
PROM”
should
be
the
favored
Methodology. The SPI flash device is in-system
programmable.
An in-circuit debugging option is
available via a JTAG header for read back and real-
time debugging of the FPGA design (using Xilinx
“ChipScope”).
User applications for the TPCE636 with Kintex-7
FPGA can be developed using the design software
Vivado Design Suite. A license for the Vivado
Design Suite design tool is required.
TEWS offers a well-documented FPGA Board
Reference Design. It includes constraint file with all
necessary
pin
assignments
and
basic
timing
constraints. The FPGA Board Reference Design
covers the main functionalities of the TPCE636.
The TPCE636 is delivered with the FPGA Board
Reference
Design.
The
user
FPGA
can
be
programmed via the on-board Board Configuration
Controller
(BCC).
Programming
via
the
JTAG
interface using an XILINX USB programmer is also
possible. In accordance with the PCI specification
and the buffering of PCI header data, the contents of
the user FPGA can be changed during operation.
TA310
Technical Information
o
Form Factor: half-length X4 PCIe
o
Board size: 153 mm x 98 mm
o
PCI Express x4 Link (Base Specification 2.1)
compliant interface conforming to ANSI/VITA
42.3-2006
o
TPCE636 FPGA options:
o
-10R Xilinx XC7K160T-2FBG676I Kintex-7
o
-11R Xilinx XC7K325T-2FBG676I Kintex-7
o
-12R Xilinx XC7K410T-2FBG676I Kintex-7
o
Serial Flash for FPGA Configuration
o
FPGA clock options:
o
Local clock generator as source for the
FPGA internal PLL
o
Free programmable Si514 Oscillator
o
DDR3 SDRAM bank, 256M x 32 Bit (1GB)
o
Front I/O lines
o
16 differential analog inputs
o
16 bit resolution
o
5Msps
o
Factory calibration
o
16 differential analog outputs
o
16 bit resolution
o
max.
±10V single ended output
o
Factory calibration
o
Back I/O lines
o
64 single ended or 32 differential back I/O
lines on a rear 68pin ERNI SMC connector.
o
4 FPGA Multi-Gigabit-Transceiver on a rear
Samtec FireFly(c) connector.
o
Operating temperature -40°C to +85°C
o
MTBF (MIL-HDBK217F/FN2 GB 20°C): 240000h



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com