Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA25 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA25 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA25
Download  TA25 Download
File Size   1022.05 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,000N (push / pull)

TA25 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA25 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA25
Download  TA25 Click to download

File Size   1022.05 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,000N (push / pull)

TA25 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA25 Product details

General Features
Max. load 1,000N (push / pull)
Max. speed at max. load 29mm/s
Max. speed at no load 54mm/s
Retracted length ≥ 99mm
Certificate UL962
Output signals Hall sensor(s)
Voltage 12 / 24V DC
Operational temperature range +5°C~+45°C




Similar Part No. - TA25

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TA250-06BJ BOTHHAND-TA250-06BJ Datasheet
23Kb / 1P
10 BASE PULSE TRANSFORMER
TA250-06BK BOTHHAND-TA250-06BK Datasheet
23Kb / 1P
10 BASE PULSE TRANSFORMER
TA250-TR2 BOTHHAND-TA250-TR2 Datasheet
23Kb / 1P
10 BASE PULSE TRANSFORMER
logo
TAI-SAW TECHNOLOGY CO.,...
TA2505A TAI-SAW-TA2505A Datasheet
425Kb / 7P
SAW Filter 521MHz SMD 3.8횞3.8 mm (BW=30MHz)
TA2509A TAI-SAW-TA2509A Datasheet
964Kb / 10P
SAW Filter 763 MHz Band14 Rx SMD 1.1X0.9 mm (BW=10 MHz)
More results


Similar Description - TA25

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
TA2 TIMOTION-TA2 Datasheet
807Kb / 10P
Max. load 1,000N (push/pull)
20230814-V
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA9 TIMOTION-TA9 Datasheet
887Kb / 11P
Max. load 2,500N (push); 1,000N (pull)
20210521-O
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com