Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA9 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA9
Download  TA9 Download
File Size   887.82 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,500N (push); 1,000N (pull)

TA9 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA9 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA9
Download  TA9 Click to download

File Size   887.82 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,500N (push); 1,000N (pull)

TA9 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA9 Product details

General Features
Max. load 2,500N (push); 1,000N (pull)
Max. speed at max. load 5.1mm/s
Max. speed at no load 58.3mm/s
Retracted length ≥ Stroke + 140mm
IP rating IP66
Certificate IEC60601-1, ES60601-1, IEC60601-1-2,
UL962, EMC
Stroke 20 ~ 600mm
Options Hall sensors
Voltage 12 / 24V DC; 12 / 24V DC (PTC)
Color Black or grey
Operational temperature range +5°C~+45°C




Similar Part No. - TA9

ManufacturerPart #DatasheetDescription
logo
Teledyne FLIR LLC
TA90 FLIR-TA90 Datasheet
145Kb / 1P
Dual Male and Female MC4 Test Leads with Banana Plug
02/27/25
logo
TEWS Technologies GmbH
TA900 TEWS-TA900 Datasheet
205Kb / 3P
Program and Debug Box
2017-08-17
TA900-10R TEWS-TA900-10R Datasheet
205Kb / 3P
Program and Debug Box
2017-08-17
TA900-10R TEWS-TA900-10R Datasheet
466Kb / 3P
32 x 12/14 Bit 50/75 Msps ADC for MTCA.4 Rear-I/O
2021-09-28
TA900-10R TEWS-TA900-10R Datasheet
269Kb / 3P
Spartan6 AMC with FMC Module Slot
2017-10-12
More results


Similar Description - TA9

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
TA2 TIMOTION-TA2 Datasheet
807Kb / 10P
Max. load 1,000N (push/pull)
20230814-V
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com