Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9 Datasheet(PDF) 8 Page - TiMOTION Technology Co. Ltd.

Part # TA9
Description  Max. load 2,500N (push); 1,000N (pull)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA9 Datasheet(HTML) 8 Page - TiMOTION Technology Co. Ltd.

Back Button TA9 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
TA9 Ordering Key
TA9
Version: 20210521-O
Load and Speed
Voltage
Cable Length
(mm)
Output Signal
IP Rating
Connector
See page 11
Color
Direction of Rear
Attachment
See page 10
1 = 12V DC
2 = 24V DC
5 = 24V DC, PTC
6 = 12V DC, PTC
0 = Straight, 100
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 2000
7 = Coiled, 200
8 = Coiled, 400
B~H = For direct cut system
See page 11
0 = Without
5 = Hall sensor * 2
1 = Without
2 = IP54
3 = IP66
1 = DIN 6P, 90° plug
2 = Tinned leads
4 = Big 01P, plug
C = Y cable ( for direct cut system, water proof, anti pull)
E = Molex 8P, 180° plug
P = Molex 8P, 90° plug, without anti-clip
1 = Black
2 = Pantone 428C
1 = 0°
2 = 90°
Stroke (mm)
Retracted Length
(mm)
Functions for
Limit Switches
See page 11
1 = Two switches at full retracted / extended positions to cut current
2 = Two switches at full retracted / extended positions to cut current + 3rd LS to send signal
3 = Two switches at full retracted / extended positions to send signal
4 = Two switches at full retracted / extended positions to send signal + 3rd LS to send signal
See page 3
See page 3
See page 9
Rear Attachment
(mm)
See page 10
Special Functions
for Spindle Sub-
Assembly
Front Attachment
(mm)
See page 10
1 = Plastic, U clevis, slot 5.2, depth 13.0, hole 8.0, with plastic T-busing
0 = Without
2 = Standard push only
1 = Aluminum casting, no slot, hole 8.0
3 = Aluminum casting, U clevis, width 6.0, depth 13.0, hole 8.0
4 = Aluminum casting, U clevis, width 6.0, depth 13.0, hole 10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com