Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TA9
Description  Max. load 2,500N (push); 1,000N (pull)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA9 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TA9 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Note
1 Please refer to the approved drawing for the final authentic value.
2 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
3 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC; speed will be similar for both voltages.
4 The current & speed in table are tested when the actuator is extending under push load.
5 The current & speed in table and diagram are tested with TiMOTION control boxes, and there will be around 10% tolerance
depending on different models of the control box. (Under no load condition, the voltage is around 32V DC. At rated load, the voltage
output will be around 24V DC)
6 Standard stroke: Min. ≥ 20mm, Max. please refer to below table.
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (4100RPM, Duty Cycle 10%)
A
2000
1000
2000
1.0
2.5
9.4
5.0
B
1500
1000
1500
1.0
2.5
13.8
6.8
C
1000
1000
1000
1.0
3.0
26.1
11.6
D
800
800
800
1.0
2.8
36.9
16.6
F
500
500
500
1.0
2.8
58.3
30.0
Motor Speed (3800RPM, Duty Cycle 10%)
G
2500
1000
2500
1.1
2.7
9.3
5.1
H
2000
1000
2000
1.1
2.9
13.2
7.0
I
1500
1000
1500
1.1
3.5
26.0
12.5
K
1000
1000
1000
1.1
3.2
36.5
17.8
L
700
700
700
1.1
3.2
56.5
24.2
Motor Speed (3400RPM, Duty Cycle 10%)
M
1500
1000
1500
0.8
1.6
8.1
3.8
N
1000
1000
1000
0.8
1.4
11.6
5.9
O
500
500
500
0.8
1.4
21.9
11.3
P
400
400
400
0.8
1.4
30.0
15.5
Q
300
300
300
0.8
1.4
46.5
24.0
Motor Speed (2200RPM, Duty Cycle 10%)
V
2000
1000
2000
0.8
1.4
5.6
2.6
R
1500
1000
1500
0.8
1.4
8.1
3.7
S
1000
1000
1000
0.8
1.5
16.5
6.9
T
800
800
800
0.8
1.4
22.5
10.0
U
500
300
500
0.8
1.4
35.5
15.6
CODE
Load (N)
Max Stroke (mm)
C, D, F, K, L, N, O, P, Q, S, T, U
≤ 1000
600
B, I, M, R
≤ 1500
500
A, H, V
≤ 2000
450
G
≤ 2500
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com